Part Number Hot Search : 
DS89C450 UCY75450 TDA9183 STW9C2SA LF113S BDL32 20D220K TL082C
Product Description
Full Text Search
 

To Download OPT-60DC48DC100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  module no:2966595 labelid:2966595 operator:phoenix 18:32:55, donnerstag, 28. juni 2001 opt-? pluggable miniature optical coupler vde, ul, csa applied for description pluggable miniature optical couplers, capacity input input voltage 24 v dc 60 v dc 120 v dc 1 ) 230 v dc 1 ) 24 v dc 60 v dc 120 v dc 1 ) 230 v dc 1 ) type opt-24dc/24dc/2 opt-60dc/24dc/2 opt-24dc/48dc/100 opt-60dc/48dc/100 order no. 29 66 59 5 29 66 60 5 29 66 61 8 29 66 62 1 pcs . pkt. 5 5 5 5 technical data input data nominal input voltage u n permissible range (of u n ) switching level typ. input current at u n typ. turn-on time at u n typ. turn-off time at u n transmission frequency f limit output data max. switching voltage min. switching voltage limiting continuous current max. inrush current output connection output circuit voltage drop at limiting continuous current general data test voltage: i/o ambient temperature range nominal o p eratin g mod e 1 signal (?h?) 0 signal (?l?) power optical coupler 24 v dc 0.8-1.2 16 v 10 v 7 ma 20 s 500 s 300 hz opt-?/24dc/2 33 v dc 3 v dc 2 a (see derating curve) 15 a (10 ms) 2-conductor floating polarity protection, surge voltage protection 200 mv 2.5 kv, 50 hz, 1 min. ?20 c to + 60 c 100 % ed 60 v dc 0.9-1.1 35 v 20 v 3 ma 35 s 700 s 300 hz input optical coupler 24 v dc 0.8-1.2 16 v 10 v 6 ma 20 s 300 s 300 hz opt-?/48dc/100 48 v dc 3 v dc 100 ma ? 2-conductor floating polarity protection, surge voltage protection 1 v 60 v dc 0.9-1.1 52 v 40 v 3 ma 50 s 800 s 100 hz phoenix contact elektronischer katalog page 1 / 2
module no:2966595 labelid:2966595 operator:phoenix 18:32:55, donnerstag, 28. juni 2001 pg standards/regulations installation position/mounting iec 664/iec 664 a/din vde 0110, contamination class 2, surge voltage category iii, as desired, in rows with zero spacing 1 ) with the 120 v and 230 v modules, a 60 v optical coupler opt-60dc/... is normally used because of the input circuit integrate d in the base terminal block. dimensional drawing block diagram drilling diagram diagram performations for assembly: view of the connections basic grid dimension 1,25 mm and 1,27 mm phoenix contact elektronischer katalog page 2 / 2


▲Up To Search▲   

 
Price & Availability of OPT-60DC48DC100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X